Part Number Hot Search : 
ZTB380D 20315RN 101KC NTE4151P LTC4266 30100 UGL3132U GDP04S04
Product Description
Full Text Search
 

To Download MPAT-05840643-4015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-pole single-throw switches analog pin attenuators features attenuation range of up to 60 db up to octave bandwidths voltage control standard field replaceable rf connectors frequency insertion vswr* amplitude atten. range control range model loss in/out response** options options*** (ghz) number (db, max.) (max.) (db) (db, min.) (vdc) outline standard, narrowband voltage-controlled models 0.95?.75 mpat-00950175- 1.2 1.5:1 see notes 10?0 0?0 174335 1.275?.48 mpat-01270148- 2.5 1.5:1 see notes 0?0 0?0 174337 1.5?.8 mpat-01500180- 1.1 1.5:1 see notes 10?0 0?0 174336 2.1?.7 mpat-02100270- 1.5 1.5:1 see notes 10?0 0?0 174336 2?.2 mpat-02000220- 1.7 1.5:1 0.3 in band 0?7 0? 174336 3.1?.5 mpat-03100350- 2.2 1.3:1 0.25 in band 0?5 0? contact miteq 3.4?.2 mpat-03400420- 2.2 1.5:1 see notes 10?0 0?0 174336 3.8?.1 mpat-03800410- 1.3 1.5:1 1 max. at 20?0 db atten. 10?0 0? 174336 4.5?.8 mpat-04500480- 2.2 1.5:1 see notes 10?0 0?0 174336 5.845?.43 mpat-05840643- 2.2 1.5:1 see notes 10?0 0?0 174336 6.4?.2 mpat-06400720- 2.2 1.5:1 see notes 10?0 0?0 174336 7.25?.75 mpat-07250775- 2.2 1.5:1 see notes 10?0 0?0 174336 7.5?.5 mpat-07500850- 1.8 1.5:1 0.25 in band 0?0 0?0 174338 7.9?.4 mpat-07900840- 2.2 1.5:1 see notes 10?0 0?0 174336 10.7?2.5 mpat-10701250- 2.2 1.5:1 see notes 10?0 0?0 174337 10.95?2.75 mpat-10951275- 2.2 1.5:1 see notes 10?0 0?0 174337 11.7?2.75 mpat-11701275- 2.2 1.5:1 see notes 10?0 0?0 174337 12.75?3.25 mpat-12751325- 2.5 1.5:1 see notes 10?0 0?0 174337 13.75?4.5 mpat-13751450- 2.5 1.5:1 see notes 10?0 0?0 174337 14?4.8 mpat-14001480- 2.7 1.5:1 see notes 10?0 0?0 174337 17.3?8.1 mpat-17301810- 3 1.5:1 see notes 10?0 0?0 174338 17.7?0.2 mpat-17702020- 3 1.5:1 see notes 10?0 0?0 174338 * vswr performance is specified over full attenuation range. ** amplitude response: ?.2 db over any 40 mhz window, ? db over full band from 0?0 db attenuation. *** insertion loss occurs at 0 v control. data presented in this table refers to room temperature. custom models featuring broader bandwidths, and/or optimized specifications are also available. consult miteq for options. 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
single-pole single-throw switches analog pin attenuators (cont.) frequency insertion vswr* amplitude atten. range control range model loss in/out response** options options*** (ghz) number (db, max.) (max.) (db) (db, min.) (vdc) outline standard, wideband voltage-controlled models 4? mpat-04000800 2.2 1.7:1 0.3 at 10 db 10?0 10?0 174336 1.5 at 40 db 1.6 at 60 db 8?2 mpat-08001200- 2.2 1.7:1 0.5 at 10 db 10?0 10?0 174337 1.5 at 40 db 1.6 at 60 db * vswr is guaranteed over full attenuation range. ** amplitude response: ?.2 db over any 40 mhz window, ? db over full band from 0?0 db attenuation. *** insertion loss occurs at 0 v control. data presented in this table refers to room temperature. custom models featuring broader bandwidths, and/or optimized specifications are also available. consult miteq for options. ordering information to order a standard analog attenuator with specific parameters, please include the following: mpat-10701250- 40 15 model number specify from tables on previous page. maximum attenuation range (db) control voltage* * control voltage is specified at the maximum attenuation of the device. in the example above, maximum attenuation of 40 db is achieved at 15 v. ordering information for rf connectors unless otherwise specified, all units will be shipped with field replaceable sma female connectors on the input and outputs. if male connectors are desired on any port, please specify on the purchase order. environmental conditions operating temperature .. 0 to 70? storage temperature ...... -40 to +85? humidity ........................ 95%, noncondensing vibration ........................ 12 gs rms, 20-2000 hz per mil-std-810b method 514, procedure 5 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
analog pin attenuators outline drawings 0.45 [11.43] gnd pin 0.130 [3.30] dia. thru typ. (2) holes control signal 0.03 [0.76] dia. pin typ. 0.10 [2.54] 0.10 [2.54] 0.18 [4.57] 0.38 [9.65] typ. 0.50 [12.7] 0.13 [3.30] typ. 0.12 [3.05] 2.350 [59.69] 2.60 [66.04] 2.00 [50.8] 1.00 [25.4] "sma" female connector, typ. (2) places 1.40 [35.56] 0.43 [10.92] 0.36 [9.14] max. 0.10 [2.54] 0.10 [2.54] 0.03 [0.76] dia. pin typ. 0.38 [9.65] typ. 0.50 [12.7] 0.13 [3.30] typ. 0.36 [9.14] max. 0.55 [13.97] gnd pin 0.104 [2.64] dia. thru typ. (2) holes control signal 0.18 [4.57] 0.30 [7.62] 1.200 [30.48] 1.80 [45.72] 1.67 [42.42] 1.10 [27.94] 1.48 [37.59] "sma" female connector, typ. (2) places 1.20 [30.48] 0.40 [10.16] 0.10 [2.54] 0.10 [2.54] 0.18 [4.57] 0.03 [0.76] dia. pin typ. 0.38 [9.65] typ. 0.36 [9.14] max. 0.42 [10.67] gnd pin 0.104 [2.64] dia. thru typ. (2) holes control signal 0.08 [2.03] 0.50 [12.7] 0.50 [12.7] 0.13 [3.30] typ. 1.25 [31.75] 1.25 [31.75] 1.050 [26.67] 0.30 [7.62] 0.650 [16.51] "sma" female connector, typ. (2) places 0.75 [19.05] j1 j2 e 0.40 [10.16] "sma" female connector, typ. (2) places 0.10 [2.54] typ. 0.80 [20.32] 0.600 [15.25] 0.36 [9.14] max. 0.38 [9.65] typ. 0.40 [10.16] 0.104 [2.64] dia. thru, 4 holes typ. 0.11 [2.79] typ. 0.11 [2.79] typ. 0.18 [4.57] 0.800 [20.32] 1.00 [25.40] gnd. pin general notes: 1. dimensions shown in brackets [ ] are in millimeters. 2. unless specified, all connectors are type sma female field replaceable. 3. tolerance as follows: .xx = ?.01 [.xx = ?.25] .xxx = ?.005 [.xxx = ?.13] 174335 174336 174337 174338 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com


▲Up To Search▲   

 
Price & Availability of MPAT-05840643-4015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X